PART |
Description |
Maker |
CS48DV2B09 CS48DV2A-CQZR CS48DV2A-DQZR CS48DV2B-CQ |
Mononuclear for Dolby Volume-Enabled 2-channel 32-bit fixed-function products, audio DSP 32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby DSP - Audio I/C 12 Ch Audio Enhancement Processr DOLBY NOISE REDUCTION IC, PQFP48 DSP - Audio 12-Ch Audio Enhance Processor DOLBY NOISE REDUCTION IC, PQFP48
|
Cirrus Logic, Inc. http://
|
CS497004-CQZ CS497004-CQZR |
DSP - Audio 32-Bit HD Audio Decoder DSP SPECIALTY CONSUMER CIRCUIT, PQFP144 DSP - Audio I/C 32-bit HD Audio Decoder DSP
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
AD1871YRS-REEL AD1871YRSZ-REEL EVAL-AD1871EB EVAL- |
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC Stereo Audio, 24-bit, 96kHz, Multi-bit Sigma Delta ADC Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD1851RZ-J AD1851NZ-J |
16-Bit/18-Bit, 16 3 FS PCM Audio DACs; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 16-BIT DAC, PDSO16 16-Bit/18-Bit, 16 3 FS PCM Audio DACs; Package: PDIP; No of Pins: 16; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CS5361 CS5361-BZ |
114dB, 192kHz, multi-bit audio A/D converter 111 dB, 192 kHz, Multi-Bit Audio A/D Converter
|
Cirrus Logic
|
AD1941YSTZRL AD1941 AD1941YSTZ |
28 Bit Audio Processor SigmaDSP-TM Multichannel 28-Bit Audio Processor
|
AD[Analog Devices]
|
BUS-855926L BUS-855947 BUS-855935L BUS-855935Q BUS |
DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DIP24 100mW stereo headphone amplifier with standby mode 通信集成电路 MPEG 2.5 layer III (MP3) audio decoder 通信集成电路 300mW at 3.3V supply audio power amplifier with standy mode active low 通信集成电路 80V-80W DMOS audio amplifier with mute/st-by 通信集成电路 12W audio amplifier 通信集成电路 25W 25W stereo class-D amplifier 50W mono in BTL 通信集成电路 STEREO AUDIO AMPLIFIER 通信集成电路 Output rail to rail 1W audio power amplifier with standby mode 通信集成电路 8-bit OTP/EPROM/FASTROM MCUs with A/D converter, safe reset, auto-reload timer and EEPROM 通信集成电路 1.2W differential input/output audio power amplifier with selectable standby 通信集成电路 6 6W stereo amplifier 2 X 2W stereo audio amplifier 2W mono amplifier 3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset 70V-60W DMOS audio amplifier with mute/standby Pop-free 100mW stereo headphone amplifier 16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM ST10F272B-E Final Data Digital signal processing IC for speech and audio applications 12 12W stereo amplifier with muting Tone control and surround digitally controlled audio processor Telecommunication IC 8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface 10W car radio audio amplifier 5W 5W AMPLIFIER WITH DC VOLUME CONTROL TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND 5W audio amplifier with muting 16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM Sound Terminal" 2-channel microless high-efficiency digital audio system 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI Rail-to-rail output 1W audio power amplifier with standby mode active low 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface 5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD® 32-bit Power Architecture" based MCU for automotive powertrain applications 14W 14W stereo amplifier with mute & stby 6 2-Ch. multistandard audio decoder
|
DATA DEVICE CORP TE Connectivity, Ltd. Motorola Mobility Holdings, Inc. Bourns, Inc. Advanced Linear Devices, Inc. XP Power, Ltd. Microchip Technology, Inc. Future Technology Devices International, Ltd.
|
AD1940YSTZRL AD1941YSTZ AD1941YSTZRL |
SigmaDSP™ Multichannel 28-Bit Audio Processor; Package: LQFP; No of Pins: 48; Temperature Range: Automotive SPECIALTY CONSUMER CIRCUIT, PQFP48 SigmaDSP-TM Multichannel 28-Bit Audio Processor SPECIALTY CONSUMER CIRCUIT, PQFP48
|
Analog Devices, Inc.
|
BA3518F-T1 BA3528FP-T1 BA3506AFT1 BA3506AFE1 BA350 |
0.031 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 SOP-16 0.034 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28 HSOP-28 0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 5.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM12 5.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM10
|
Intel, Corp.
|
AT73C213 |
The AT73C213 is a fully integrated, low-cost combined stereo audio DAC and audio amplifier circuit targeted for Li-ion or Ni-Mh battery-powered ... Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
|
ATMEL[ATMEL Corporation]
|
MAX5406 MAX5406ETM MAX5406EUM |
Audio Processor with Pushbutton Interface The MAX5406 stereo audio processor provides a complete audio solution with volume, balance, bass, an
|
MAXIM[Maxim Integrated Products]
|
CXD2555 CXD2555Q HI2555JCQ HI2555 |
1-Bit AD/DA Converter For Audio Application 1-Bit, AD/DA Converter For Audio Application
|
INTERSIL[Intersil Corporation]
|
|